PART |
Description |
Maker |
M57788LR 57788LR |
400-430MHz, 13.5V, 47W, FM MOBILE RADIO 400 - 430MHz3.5V7W配合,调频移动通信 400-430MHz / 13.5V / 47W / FM MOBILE RADIO From old datasheet system MITSUBISHI RF POWER MODULE 400-430MHz, 13.5V, 47W, FM MOBILE RADIO
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
TB2921HQ |
Maximum Power 50 W BTL X 4-ch Audio Power IC
|
Toshiba
|
TDA7854 |
4 x 47W MOSFET quad bridge power amplifier
|
STMicroelectronics
|
2N6230 |
N FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 2; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 25 dB; VSWR: 1.35 MAXIMUM; MAXIMUM INSERTION LOSS
|
TT electronics Semelab Limited
|
TA8264AH |
Max Power 41 W BTL 4 ch Audio Power IC 最大功1糯桥接通道音频功率IC Max Power 41 W BTL x 4 ch Audio Power IC From old datasheet system IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC
|
Toshiba, Corp. Toshiba Semiconductor
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|
2N5952 2N5952D74Z |
N-Channel RF Amplifier N-Channel RF Ampifier BNC FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 8; FREQUENCY RANGE: 2 - 500 MHz; MINIMUM ISOLATION: 20 dB; VSWR: 1.50 MAXIMUM; MAXIMUM INSERTION
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
TOP245P1 TOP245P |
Title 32W (47W peak) Multiple Output supply
|
POWERINT[Power Integrations, Inc.]
|
BA5983FP BA5983FM |
13.5V / 1.7W / 1A CD-ROM BTL transistor BTL DRIVE
|
ROHM[Rohm]
|
KB25MKG01B05BB KB25MKG01B12A KB25MKW01-05-A KB25MK |
0.4VA maximum 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A 20mV ~ 28V) Miniature Pushbuttons
|
Nihon Kaiheiki Industry Co. Ltd.
|
FLTR100V10 FLTR100V10-62 FLTR100V10-62Z FLTR100V10 |
75 Vdc Input Maximum, 10 A Maximum
|
Lineage Power Corporation
|
ENA0989 LV4920H |
Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W】2CH, 10W】2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W×2CH, 10W×2CH Bi-CMOS IC Class-D Audio Power Amplifier Power Cell BTL 15W隆驴2CH, 10W隆驴2CH
|
Sanyo Semicon Device
|